Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 341Page - Renesas Technology Corp H8S2245 Datasheet HTML 342Page - Renesas Technology Corp H8S2245 Datasheet HTML 343Page - Renesas Technology Corp H8S2245 Datasheet HTML 344Page - Renesas Technology Corp H8S2245 Datasheet HTML 345Page - Renesas Technology Corp H8S2245 Datasheet HTML 346Page - Renesas Technology Corp H8S2245 Datasheet HTML 347Page - Renesas Technology Corp H8S2245 Datasheet HTML 348Page - Renesas Technology Corp H8S2245 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 303 of 772
REJ09B0355-0300
Bits 3 to 0— I/O Control A3 to A0 (IOA3 to IOA0)
I/O Control C3 to C0 (IOC3 to IOC0):
IOA3 to IOA0 specify the function of TGRA.
IOC3 to IOC0 specify the function of TGRC.
TIOR0H
Bit 3
Bit 2
Bit 1
Bit 0
Channel
IOA3 IOA2 IOA1 IOA0 Description
0
0
0
0
0
Output disabled
(Initial value)
1
0 output at compare match
1
0
1 output at compare match
1
TGR0A
is output
compare
register
Initial output is 0
output
Toggle output at compare
match
1
0
0
Output disabled
1
0 output at compare match
1
0
1 output at compare match
1
Initial output is 1
output
Toggle output at compare
match
1
0
0
0
Input capture at rising edge
1
Input capture at falling edge
1
*
Capture input
source is
TIOCA0 pin
Input capture at both edges
1
**
TGR0A
is input
capture
register
Setting prohibited
Legend:
*: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com