Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 345Page - Renesas Technology Corp H8S2245 Datasheet HTML 346Page - Renesas Technology Corp H8S2245 Datasheet HTML 347Page - Renesas Technology Corp H8S2245 Datasheet HTML 348Page - Renesas Technology Corp H8S2245 Datasheet HTML 349Page - Renesas Technology Corp H8S2245 Datasheet HTML 350Page - Renesas Technology Corp H8S2245 Datasheet HTML 351Page - Renesas Technology Corp H8S2245 Datasheet HTML 352Page - Renesas Technology Corp H8S2245 Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 307 of 772
REJ09B0355-0300
9.2.4
Timer Interrupt Enable Register (TIER)
7
TTGE
0
R/W
6
—
1
—
5
—
0
—
4
TCIEV
0
R/W
3
TGIED
0
R/W
0
TGIEA
0
R/W
2
TGIEC
0
R/W
1
TGIEB
0
R/W
Bit
Initial value
R/W
:
:
:
Channel 0: TIER0
7
TTGE
0
R/W
6
—
1
—
5
TCIEU
0
R/W
4
TCIEV
0
R/W
3
—
0
—
0
TGIEA
0
R/W
2
—
0
—
1
TGIEB
0
R/W
Channel 1: TIER1
Channel 2: TIER2
Bit
Initial value
R/W
:
:
:
The TIER registers are 8-bit registers that control enabling or disabling of interrupt requests for
each channel. The TPU has three TIER registers, one for each channel. The TIER registers are
initialized to H'40 by a reset, and in hardware standby mode.
Bit 7—A/D Conversion Start Request Enable (TTGE): Enables or disables generation of A/D
conversion start requests by TGRA input capture/compare match.
Bit 7
TTGE
Description
0
A/D conversion start request generation disabled
(Initial value)
1
A/D conversion start request generation enabled
Bit 6—Reserved: Read-only bit, always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com