Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 348Page - Renesas Technology Corp H8S2245 Datasheet HTML 349Page - Renesas Technology Corp H8S2245 Datasheet HTML 350Page - Renesas Technology Corp H8S2245 Datasheet HTML 351Page - Renesas Technology Corp H8S2245 Datasheet HTML 352Page - Renesas Technology Corp H8S2245 Datasheet HTML 353Page - Renesas Technology Corp H8S2245 Datasheet HTML 354Page - Renesas Technology Corp H8S2245 Datasheet HTML 355Page - Renesas Technology Corp H8S2245 Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 310 of 772
REJ09B0355-0300
The TSR registers are 8-bit registers that indicate the status of each channel. The TPU has three
TSR registers, one for each channel. The TSR registers are initialized to H'C0 by a reset, and in
hardware standby mode.
Bit 7—Count Direction Flag (TCFD): Status flag that shows the direction in which TCNT
counts in channels 1, and 2.
In channel 0 bit 7 is reserved. It is always read as 1 and cannot be modified.
Bit 7
TCFD
Description
0
TCNT counts down
1
TCNT counts up
(Initial value)
Bit 6—Reserved: Read-only bit, always read as 1.
Bit 5—Underflow Flag (TCFU): Status flag that indicates that TCNT underflow has occurred
when channels 1 and 2 are set to phase counting mode.
In channel 0 bit 5 is reserved. It is always read as 0 and cannot be modified.
Bit 5
TCFU
Description
0
[Clearing condition]
(Initial value)
When 0 is written to TCFU after reading TCFU = 1
1
[Setting condition]
When the TCNT value underflows (changes from H'0000 to H'FFFF)
Bit 4—Overflow Flag (TCFV): Status flag that indicates that TCNT overflow has occurred.
Bit 4
TCFV
Description
0
[Clearing condition]
(Initial value)
When 0 is written to TCFV after reading TCFV = 1
1
[Setting condition]
When the TCNT value overflows (changes from H'FFFF to H'0000 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com