Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 352Page - Renesas Technology Corp H8S2245 Datasheet HTML 353Page - Renesas Technology Corp H8S2245 Datasheet HTML 354Page - Renesas Technology Corp H8S2245 Datasheet HTML 355Page - Renesas Technology Corp H8S2245 Datasheet HTML 356Page - Renesas Technology Corp H8S2245 Datasheet HTML 357Page - Renesas Technology Corp H8S2245 Datasheet HTML 358Page - Renesas Technology Corp H8S2245 Datasheet HTML 359Page - Renesas Technology Corp H8S2245 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 314 of 772
REJ09B0355-0300
9.2.8
Timer Start Register (TSTR)
7
—
0
—
6
—
0
—
5
—
0
—
4
—
0
—
3
—
0
—
0
CST0
0
R/W
2
CST2
0
R/W
1
CST1
0
R/W
Bit
Initial value
R/W
:
:
:
TSTR is an 8-bit readable/writable register that selects operation/stoppage for channels 0 to 2.
TSTR is initialized to H'00 by a reset, and in hardware standby mode.
TCNT counter operation should be stopped when setting the operating mode in TMDR or the
TCNT count clock in TCR.
Bits 7 and 3—Reserved: Should always be written with 0.
Bits 2 to 0—Counter Start 2 to 0 (CST2 to CST0): These bits select operation or stoppage for
TCNT.
Bit n
CSTn
Description
0
TCNTn count operation is stopped
(Initial value)
1
TCNTn performs count operation
n = 2 to 0
Note:
If 0 is written to the CST bit during operation with the TIOC pin designated for output, the
counter stops but the TIOC pin output compare output level is retained. If TIOR is written to
when the CST bit is cleared to 0, the pin output level will be changed to the set initial output
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com