Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 353Page - Renesas Technology Corp H8S2245 Datasheet HTML 354Page - Renesas Technology Corp H8S2245 Datasheet HTML 355Page - Renesas Technology Corp H8S2245 Datasheet HTML 356Page - Renesas Technology Corp H8S2245 Datasheet HTML 357Page - Renesas Technology Corp H8S2245 Datasheet HTML 358Page - Renesas Technology Corp H8S2245 Datasheet HTML 359Page - Renesas Technology Corp H8S2245 Datasheet HTML 360Page - Renesas Technology Corp H8S2245 Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 315 of 772
REJ09B0355-0300
9.2.9
Timer Synchro Register (TSYR)
7
—
0
—
6
—
0
—
5
—
0
—
4
—
0
—
3
—
0
—
0
SYNC0
0
R/W
2
SYNC2
0
R/W
1
SYNC1
0
R/W
Bit
Initial value
R/W
:
:
:
TSYR is an 8-bit readable/writable register that selects independent operation or synchronous
operation for the channel 0 to 2 TCNT counters. A channel performs synchronous operation when
the corresponding bit in TSYR is set to 1.
TSYR is initialized to H'00 by a reset, and in hardware standby mode.
Bits 7 and 3—Reserved: Should always be written with 0.
Bits 2 to 0—Timer Synchro 2 to 0 (SYNC2 to SYNC0): These bits select whether operation is
independent of or synchronized with other channels.
When synchronous operation is selected, synchronous presetting of multiple channels*
1, and
synchronous clearing through counter clearing on another channel*
2 are possible.
Notes: 1. To set synchronous operation, the SYNC bits for at least two channels must be set to 1.
2. To set synchronous clearing, in addition to the SYNC bit, the TCNT clearing source
must also be set by means of bits CCLR2 to CCLR0 in TCR.
Bit n
SYNCn
Description
0
TCNTn operates independently (TCNT presetting/clearing is unrelated to
other channels)
(Initial value)
1
TCNTn performs synchronous operation
TCNT synchronous presetting/synchronous clearing is possible
Note:
n = 2 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com