Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 357Page - Renesas Technology Corp H8S2245 Datasheet HTML 358Page - Renesas Technology Corp H8S2245 Datasheet HTML 359Page - Renesas Technology Corp H8S2245 Datasheet HTML 360Page - Renesas Technology Corp H8S2245 Datasheet HTML 361Page - Renesas Technology Corp H8S2245 Datasheet HTML 362Page - Renesas Technology Corp H8S2245 Datasheet HTML 363Page - Renesas Technology Corp H8S2245 Datasheet HTML 364Page - Renesas Technology Corp H8S2245 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 319 of 772
REJ09B0355-0300
9.4
Operation
9.4.1
Overview
Operation in each mode is outlined below.
Normal Operation
Each channel has a TCNT and TGR register. TCNT performs up-counting, and is also capable of
free-running operation, synchronous counting, and external event counting.
Each TGR can be used as an input capture register or output compare register.
Synchronous Operation
When synchronous operation is designated for a channel, TCNT for that channel performs
synchronous presetting. That is, when TCNT for a channel designated for synchronous operation
is rewritten, the TCNT counters for the other channels are also rewritten at the same time.
Synchronous clearing of the TCNT counters is also possible by setting the timer synchronization
bits in TSYR for channels designated for synchronous operation.
Buffer Operation
• When TGR is an output compare register
When a compare match occurs, the value in the buffer register for the relevant channel is
transferred to TGR.
• When TGR is an input capture register
When input capture occurs, the value in TCNT is transfer to TGR and the value previously
held in TGR is transferred to the buffer register.
PWM Mode
In this mode, a PWM waveform is output. The output level can be set by means of TIOR. A PWM
waveform with a duty of between 0% and 100% can be output, according to the setting of each
TGR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com