Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 358Page - Renesas Technology Corp H8S2245 Datasheet HTML 359Page - Renesas Technology Corp H8S2245 Datasheet HTML 360Page - Renesas Technology Corp H8S2245 Datasheet HTML 361Page - Renesas Technology Corp H8S2245 Datasheet HTML 362Page - Renesas Technology Corp H8S2245 Datasheet HTML 363Page - Renesas Technology Corp H8S2245 Datasheet HTML 364Page - Renesas Technology Corp H8S2245 Datasheet HTML 365Page - Renesas Technology Corp H8S2245 Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 818 page
background image
Section 9 16-Bit Timer Pulse Unit (TPU)
Rev.3.00 Mar. 26, 2007 Page 320 of 772
REJ09B0355-0300
Phase Counting Mode
In this mode, TCNT is incremented or decremented by detecting the phases of two clocks input
from the external clock input pins in channels 1, and 2. When phase counting mode is set, the
corresponding TCLK pin functions as the clock pin, and TCNT performs up- or down-counting.
This can be used for two-phase encoder pulse input.
9.4.2
Basic Functions
Counter Operation
When one of bits CST0 to CST2 is set to 1 in TSTR, the TCNT counter for the corresponding
channel starts counting. TCNT can operate as a free-running counter, periodic counter, and so on.
Example of count operation setting procedure: Figure 9.6 shows an example of the count
operation setting procedure.
Select counter clock
Operation selection
Select counter clearing source
Periodic counter
Set period
Start count operation
<Periodic counter>
[1]
[2]
[4]
[3]
[5]
Free-running counter
Start count operation
<Free-running counter>
[5]
[1]
[2]
[3]
[4]
[5]
Select the counter
clock with bits
TPSC2 to TPSC0 in
TCR. At the same
time, select the
input clock edge
with bits CKEG1
and CKEG0 in
TCR.
For periodic counter
operation, select
the TGR to be used
as the TCNT
clearing source with
bits CCLR2 to
CCLR0 in TCR.
Designate the TGR
selected in [2] as an
output compare
register by means
of TIOR.
Set the periodic
counter cycle in the
TGR selected in [2].
Set the CST bit in
TSTR to 1 to start
the count operation.
Select output compare register
Figure 9.6 Example of Counter Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com