Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 401Page - Renesas Technology Corp H8S2245 Datasheet HTML 402Page - Renesas Technology Corp H8S2245 Datasheet HTML 403Page - Renesas Technology Corp H8S2245 Datasheet HTML 404Page - Renesas Technology Corp H8S2245 Datasheet HTML 405Page - Renesas Technology Corp H8S2245 Datasheet HTML 406Page - Renesas Technology Corp H8S2245 Datasheet HTML 407Page - Renesas Technology Corp H8S2245 Datasheet HTML 408Page - Renesas Technology Corp H8S2245 Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 818 page
background image
Section 10 8-Bit Timers
Rev.3.00 Mar. 26, 2007 Page 363 of 772
REJ09B0355-0300
Section 10 8-Bit Timers
10.1
Overview
The H8S/2245 Group includes an 8-bit timer module with two channels (TMR0 and TMR1). Each
channel has an 8-bit counter (TCNT) and two time constant registers (TCORA and TCORB) that
are constantly compared with the TCNT value to detect compare match events. The 8-bit timer
module can thus be used for a variety of functions, including pulse output with an arbitrary duty
cycle.
10.1.1
Features
• Selection of four clock sources
The counters can be driven by one of three internal clock signals (
φ/8, φ/64, or φ/8192) or an
external clock input (enabling use as an external event counter).
• Selection of three ways to clear the counters
The counters can be cleared on compare match A or B, or by an external reset signal.
• Timer output control by a combination of two compare match signals
The timer output signal in each channel is controlled by a combination of two independent
compare match signals, enabling the timer to generate output waveforms with an arbitrary duty
cycle or PWM output.
• Provision for cascading of two channels
 Operation as a 16-bit timer is possible, using channel 0 for the upper 8 bits and channel 1
for the lower 8 bits (16-bit count mode).
 Channel 1 can be used to count channel 0 compare matches (compare match count mode).
• Three independent interrupts
Compare match A and B and overflow interrupts can be requested independently.
• Module stop mode can be set
 As the initial setting, 8-bit timer operation is halted. Register access is enabled by exiting
module stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com