Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 407 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 407 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 403Page - Renesas Technology Corp H8S2245 Datasheet HTML 404Page - Renesas Technology Corp H8S2245 Datasheet HTML 405Page - Renesas Technology Corp H8S2245 Datasheet HTML 406Page - Renesas Technology Corp H8S2245 Datasheet HTML 407Page - Renesas Technology Corp H8S2245 Datasheet HTML 408Page - Renesas Technology Corp H8S2245 Datasheet HTML 409Page - Renesas Technology Corp H8S2245 Datasheet HTML 410Page - Renesas Technology Corp H8S2245 Datasheet HTML 411Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 818 page
background image
Section 10 8-Bit Timers
Rev.3.00 Mar. 26, 2007 Page 365 of 772
REJ09B0355-0300
10.1.3
Pin Configuration
Table 10.1 summarizes the input and output pins of the 8-bit timer.
Table 10.1
Input and Output Pins of 8-Bit Timer
Channel
Name
Symbol
I/O
Function
0
Timer output pin 0
TMO0
Output
Outputs at compare match
Timer clock input pin 0
TMCI0
Input
Inputs external clock for counter
Timer reset input pin 0
TMRI0
Input
Inputs external reset to counter
1
Timer output pin 1
TMO1
Output
Outputs at compare match
Timer clock input pin 1
TMCI1
Input
Inputs external clock for counter
Timer reset input pin 1
TMRI1
Input
Inputs external reset to counter
10.1.4
Register Configuration
Table 10.2 summarizes the registers of the 8-bit timer module.
Table 10.2
8-Bit Timer Registers
Channel
Name
Abbreviation
R/W
Initial Value
Address*
1
0
Timer control register 0
TCR0
R/W
H'00
H'FFB0
Timer control/status register 0 TCSR0
R/(W)*
2
H'00
H'FFB2
Time constant register A0
TCORA0
R/W
H'FF
H'FFB4
Time constant register B0
TCORB0
R/W
H'FF
H'FFB6
Timer counter 0
TCNT0
R/W
H'00
H'FFB8
1
Timer control register 1
TCR1
R/W
H'00
H'FFB1
Timer control/status register 1 TCSR1
R/(W)*
2
H'10
H'FFB3
Time constant register A1
TCORA1
R/W
H'FF
H'FFB5
Time constant register B1
TCORB1
R/W
H'FF
H'FFB7
Timer counter 1
TCNT1
R/W
H'00
H'FFB9
All
Module stop control register
MSTPCR
R/W
H'3FFF
H'FF3C
Notes: 1. Lower 16 bits of the address
2. Only 0 can be written to bits 7 to 5, to clear these flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com