Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 407Page - Renesas Technology Corp H8S2245 Datasheet HTML 408Page - Renesas Technology Corp H8S2245 Datasheet HTML 409Page - Renesas Technology Corp H8S2245 Datasheet HTML 410Page - Renesas Technology Corp H8S2245 Datasheet HTML 411Page - Renesas Technology Corp H8S2245 Datasheet HTML 412Page - Renesas Technology Corp H8S2245 Datasheet HTML 413Page - Renesas Technology Corp H8S2245 Datasheet HTML 414Page - Renesas Technology Corp H8S2245 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 818 page
background image
Section 10 8-Bit Timers
Rev.3.00 Mar. 26, 2007 Page 369 of 772
REJ09B0355-0300
Bits 4 and 3—Counter Clear 1 and 0 (CCLR1 and CCLR0): These bits select the method by
which TCNT is cleared: by compare match A or B, or by an external reset input.
Bit 4
Bit 3
CCLR1
CCLR0
Description
0
0
Clear is disabled
(Initial value)
1
Clear by compare match A
1
0
Clear by compare match B
1
Clear by rising edge of external reset input
Bits 2 to 0—Clock Select 2 to 0 (CKS2 to CKS0): These bits select whether the clock input to
TCNT is an internal or external clock.
Three internal clocks can be selected, all divided from the system clock (
φ): φ/8, φ/64, and φ/8192.
The falling edge of the selected internal clock triggers the count.
When use of an external clock is selected, three types of count can be selected: at the rising edge,
the falling edge, and both rising and falling edges.
Some functions differ between channel 0 and channel 1.
Bit 2
Bit 1
Bit 0
CKS2
CKS1
CKS0
Description
0
0
0
Clock input disabled
(Initial value)
1
Internal clock, counted at falling edge of
φ/8
1
0
Internal clock, counted at falling edge of
φ/64
1
Internal clock, counted at falling edge of
φ/8192
1
0
0
For channel 0: count at TCNT1 overflow signal*
For channel 1: count at TCNT0 compare match A*
1
External clock, counted at rising edge
1
0
External clock, counted at falling edge
1
External clock, counted at both rising and falling edges
Note:
*
If the count input of channel 0 is the TCNT1 overflow signal and that of channel 1 is the
TCNT0 compare match signal, no incrementing clock is generated. Do not use this
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com