Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 410 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 410 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 406Page - Renesas Technology Corp H8S2245 Datasheet HTML 407Page - Renesas Technology Corp H8S2245 Datasheet HTML 408Page - Renesas Technology Corp H8S2245 Datasheet HTML 409Page - Renesas Technology Corp H8S2245 Datasheet HTML 410Page - Renesas Technology Corp H8S2245 Datasheet HTML 411Page - Renesas Technology Corp H8S2245 Datasheet HTML 412Page - Renesas Technology Corp H8S2245 Datasheet HTML 413Page - Renesas Technology Corp H8S2245 Datasheet HTML 414Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 818 page
background image
Section 10 8-Bit Timers
Rev.3.00 Mar. 26, 2007 Page 368 of 772
REJ09B0355-0300
10.2.4
Time Control Registers 0 and 1 (TCR0, TCR1)
7
CMIEB
0
R/W
6
CMIEA
0
R/W
5
OVIE
0
R/W
4
CCLR1
0
R/W
3
CCLR0
0
R/W
0
CKS0
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
Bit
Initial value
R/W
:
:
:
TCR0 and TCR1 are 8-bit readable/writable registers that select the clock source and the time at
which TCNT is cleared, and enable interrupts.
TCR0 and TCR1 are each initialized to H'00 by a reset and in hardware standby mode.
For details of this timing, see section 10.3, Operation.
Bit 7—Compare Match Interrupt Enable B (CMIEB): Selects whether CMFB interrupt
requests (CMIB) are enabled or disabled when the CMFB flag of TCSR is set to 1.
Bit 7
CMIEB
Description
0
CMFB interrupt requests (CMIB) are disabled
(Initial value)
1
CMFB interrupt requests (CMIB) are enabled
Bit 6—Compare Match Interrupt Enable A (CMIEA): Selects whether CMFA interrupt
requests (CMIA) are enabled or disabled when the CMFA flag of TCSR is set to 1.
Bit 6
CMIEA
Description
0
CMFA interrupt requests (CMIA) are disabled
(Initial value)
1
CMFA interrupt requests (CMIA) are enabled
Bit 5—Timer Overflow Interrupt Enable (OVIE): Selects whether OVF interrupt requests
(OVI) are enabled or disabled when the OVF flag of TCSR is set to 1.
Bit 5
OVIE
Description
0
OVF interrupt requests (OVI) are disabled
(Initial value)
1
OVF interrupt requests (OVI) are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com