Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 413 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 413 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 409Page - Renesas Technology Corp H8S2245 Datasheet HTML 410Page - Renesas Technology Corp H8S2245 Datasheet HTML 411Page - Renesas Technology Corp H8S2245 Datasheet HTML 412Page - Renesas Technology Corp H8S2245 Datasheet HTML 413Page - Renesas Technology Corp H8S2245 Datasheet HTML 414Page - Renesas Technology Corp H8S2245 Datasheet HTML 415Page - Renesas Technology Corp H8S2245 Datasheet HTML 416Page - Renesas Technology Corp H8S2245 Datasheet HTML 417Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 818 page
background image
Section 10 8-Bit Timers
Rev.3.00 Mar. 26, 2007 Page 371 of 772
REJ09B0355-0300
Bit 6—Compare Match Flag A (CMFA): Status flag indicating whether the values of TCNT and
TCORA match.
Bit 6
CMFA
Description
0
[Clearing conditions]
(Initial value)
• Cleared by reading CMFA when CMFA = 1, then writing 0 to CMFA
• When DTC is activated by CMIA interrupt while DISEL bit of MRB in DTC is 0 with
the transfer counter not being 0
1
[Setting condition]
Set when TCNT matches TCORA
Bit 5—Timer Overflow Flag (OVF): Status flag indicating that TCNT has overflowed (changed
from H'FF to H'00).
Bit 5
OVF
Description
0
[Clearing condition]
(Initial value)
Cleared by reading OVF when OVF = 1, then writing 0 to OVF
1
[Setting condition]
Set when TCNT overflows from H'FF to H'00
Bit 4—A/D Trigger Enable (ADTE) (TCSR0 Only): Selects enabling or disabling of A/D
converter start requests by compare-match A.
In TCSR1, this bit is reserved: it is always read as 1 and cannot be modified.
Bit 4
ADTE
Description
0
A/D converter start requests by compare match A are disabled
(Initial value)
1
A/D converter start requests by compare match A are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com