Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 420 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 420 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 416Page - Renesas Technology Corp H8S2245 Datasheet HTML 417Page - Renesas Technology Corp H8S2245 Datasheet HTML 418Page - Renesas Technology Corp H8S2245 Datasheet HTML 419Page - Renesas Technology Corp H8S2245 Datasheet HTML 420Page - Renesas Technology Corp H8S2245 Datasheet HTML 421Page - Renesas Technology Corp H8S2245 Datasheet HTML 422Page - Renesas Technology Corp H8S2245 Datasheet HTML 423Page - Renesas Technology Corp H8S2245 Datasheet HTML 424Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 818 page
background image
Section 10 8-Bit Timers
Rev.3.00 Mar. 26, 2007 Page 378 of 772
REJ09B0355-0300
10.3.5
Operation with Cascaded Connection
If bits CKS2 to CKS0 in either TCR0 or TCR1 are set to B'100, the 8-bit timers of the two
channels are cascaded. With this configuration, a single 16-bit timer could be used (16-bit timer
mode) or compare matches of the 8-bit channel 0 could be counted by the timer of channel 1
(compare match counter mode). In this case, the timer operates as below.
16-Bit Counter Mode
When bits CKS2 to CKS0 in TCR0 are set to B'100, the timer functions as a single 16-bit timer
with channel 0 occupying the upper 8 bits and channel 1 occupying the lower 8 bits.
• Setting of compare match flags
 The CMF flag in TCSR0 is set to 1 when a 16-bit compare match event occurs.
 The CMF flag in TCSR1 is set to 1 when a lower 8-bit compare match event occurs.
• Counter clear specification
 If the CCLR1 and CCLR0 bits in TCR0 have been set for counter clear at compare match,
the 16-bit counter (TCNT0 and TCNT1 together) is cleared when a 16-bit compare match
event occurs. The 16-bit counter (TCNT0 and TCNT1 together) is cleared even if counter
clear by the TMRI0 pin has also been set.
 The settings of the CCLR1 and CCLR0 bits in TCR1 are ignored. The lower 8 bits cannot
be cleared independently.
• Pin output
 Control of output from the TMO0 pin by bits OS3 to OS0 in TCSR0 is in accordance with
the 16-bit compare match conditions.
 Control of output from the TMO1 pin by bits OS3 to OS0 in TCSR1 is in accordance with
the lower 8-bit compare match conditions.
Compare Match Counter Mode
When bits CKS2 to CKS0 in TCR1 are B'100, TCNT1 counts compare match A's for channel 0.
Channels 1 and 0 are controlled independently. Conditions such as setting of the CMF flag,
generation of interrupts, output from the TMO pin, and counter clear are in accordance with the
settings for each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com