Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 417Page - Renesas Technology Corp H8S2245 Datasheet HTML 418Page - Renesas Technology Corp H8S2245 Datasheet HTML 419Page - Renesas Technology Corp H8S2245 Datasheet HTML 420Page - Renesas Technology Corp H8S2245 Datasheet HTML 421Page - Renesas Technology Corp H8S2245 Datasheet HTML 422Page - Renesas Technology Corp H8S2245 Datasheet HTML 423Page - Renesas Technology Corp H8S2245 Datasheet HTML 424Page - Renesas Technology Corp H8S2245 Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 818 page
background image
Section 10 8-Bit Timers
Rev.3.00 Mar. 26, 2007 Page 379 of 772
REJ09B0355-0300
Note on Usage
If the 16-bit counter mode and compare match counter mode are set simultaneously, the input
clock pulses for TCNT0 and TCNT1 are not generated and thus the counters will stop operating.
Software should therefore avoid using both these modes.
10.4
Interrupt Sources
10.4.1
Interrupt Sources and DTC Activation
There are three 8-bit timer interrupt sources: CMIA, CMIB, and OVI. Their relative priorities are
shown in table 10.3. Each interrupt source is set as enabled or disabled by the corresponding
interrupt enable bit in TCR, and independent interrupt requests are sent for each to the interrupt
controller. It is also possible to activate the DTC by means of CMIA and CMIB interrupts.
Table 10.3
8-Bit Timer Interrupt Sources
Channel
Interrupt Source
Description
DTC Activation
Priority
0
CMIA0
Interrupt by CMFA
Possible
High
CMIB0
Interrupt by CMFB
Possible
OVI0
Interrupt by OVF
Not possible
1
CMIA1
Interrupt by CMFA
Possible
CMIB1
Interrupt by CMFB
Possible
OVI1
Interrupt by OVF
Not possible
Low
Note:
This table shows the initial state immediately after a reset. The relative channel priorities
can be changed by the interrupt controller.
10.4.2
A/D Converter Activation
The A/D converter can be activated only by channel 0 compare match A.
If the ADTE bit in TCSR0 is set to 1 when the CMFA flag is set to 1 by the occurrence of channel
0 compare match A, a request to start A/D conversion is sent to the A/D converter. If the 8-bit
timer conversion start trigger has been selected on the A/D converter side at this time, A/D
conversion is started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com