Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 457Page - Renesas Technology Corp H8S2245 Datasheet HTML 458Page - Renesas Technology Corp H8S2245 Datasheet HTML 459Page - Renesas Technology Corp H8S2245 Datasheet HTML 460Page - Renesas Technology Corp H8S2245 Datasheet HTML 461Page - Renesas Technology Corp H8S2245 Datasheet HTML 462Page - Renesas Technology Corp H8S2245 Datasheet HTML 463Page - Renesas Technology Corp H8S2245 Datasheet HTML 464Page - Renesas Technology Corp H8S2245 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 419 of 772
REJ09B0355-0300
Bit 4—Framing Error (FER): Indicates that a framing error occurred during reception in
asynchronous mode, causing abnormal termination.
Bit 4
FER
Description
0
[Clearing condition]
(Initial value)*
1
When 0 is written to FER after reading FER = 1
1
[Setting condition]
When the SCI checks the stop bit at the end of the receive data when reception ends,
and the stop bit is 0*
2
Notes: 1. The FER flag is not affected and retains its previous state when the RE bit in SCR is
cleared to 0.
2. In 2-stop-bit mode, only the first stop bit is checked for a value of 0; the second stop bit
is not checked. If a framing error occurs, the receive data is transferred to RDR but the
RDRF flag is not set. Also, subsequent serial reception cannot be continued while the
FER flag is set to 1. In clocked synchronous mode, serial transmission cannot be
continued, either.
Bit 3—Parity Error (PER): Indicates that a parity error occurred during reception using parity
addition in asynchronous mode, causing abnormal termination.
Bit 3
PER
Description
0
[Clearing condition]
(Initial value)*
1
When 0 is written to PER after reading PER = 1
1
[Setting condition]
When, in reception, the number of 1 bits in the receive data plus the parity bit does not
match the parity setting (even or odd) specified by the O/
E bit in SMR*2
Notes: 1. The PER flag is not affected and retains its previous state when the RE bit in SCR is
cleared to 0.
2. If a parity error occurs, the receive data is transferred to RDR but the RDRF flag is not
set. Also, subsequent serial reception cannot be continued while the PER flag is set to
1. In clocked synchronous mode, serial transmission cannot be continued, either.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com