Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 457 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 457 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 453Page - Renesas Technology Corp H8S2245 Datasheet HTML 454Page - Renesas Technology Corp H8S2245 Datasheet HTML 455Page - Renesas Technology Corp H8S2245 Datasheet HTML 456Page - Renesas Technology Corp H8S2245 Datasheet HTML 457Page - Renesas Technology Corp H8S2245 Datasheet HTML 458Page - Renesas Technology Corp H8S2245 Datasheet HTML 459Page - Renesas Technology Corp H8S2245 Datasheet HTML 460Page - Renesas Technology Corp H8S2245 Datasheet HTML 461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 415 of 772
REJ09B0355-0300
Bit 3—Multiprocessor Interrupt Enable (MPIE): Enables or disables multiprocessor interrupts.
The MPIE bit setting is only valid in asynchronous mode when the MP bit in SMR is set to 1.
The MPIE bit setting is invalid in clocked synchronous mode or when the MP bit is cleared to 0.
Bit 3
MPIE
Description
0
Multiprocessor interrupts disabled (normal reception performed)
(Initial value)
[Clearing conditions]
• When the MPIE bit is cleared to 0
• When MPB = 1 data is received
1
Multiprocessor interrupts enabled*
Receive interrupt (RXI) requests, receive error interrupt (ERI) requests, and setting
of the RDRF, FER, and ORER flags in SSR are disabled until data with the
multiprocessor bit set to 1 is received.
Note:
*
When receive data including MPB = 0 is received, receive data transfer from RSR to
RDR, receive error detection, and setting of the RDRF, FER, and ORER flags in SSR,
is not performed. When receive data including MPB = 1 is received, the MPB bit in SSR
is set to 1, the MPIE bit is cleared to 0 automatically, and generation of RXI and ERI
interrupts (when the TIE and RIE bits in SCR are set to 1) and FER and ORER flag
setting is enabled.
Bit 2—Transmit End Interrupt Enable (TEIE): Enables or disables transmit end interrupt
(TEI) request generation when there is no valid transmit data in TDR in MSB data transmission.
Bit 2
TEIE
Description
0
Transmit end interrupt (TEI) request disabled*
(Initial value)
1
Transmit end interrupt (TEI) request enabled
Note:
*
TEI cancellation can be performed by reading 1 from the TDRE flag in SSR, then
clearing it to 0 and clearing the TEND flag to 0, or clearing the TEIE bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com