Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 454 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 454 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 450Page - Renesas Technology Corp H8S2245 Datasheet HTML 451Page - Renesas Technology Corp H8S2245 Datasheet HTML 452Page - Renesas Technology Corp H8S2245 Datasheet HTML 453Page - Renesas Technology Corp H8S2245 Datasheet HTML 454Page - Renesas Technology Corp H8S2245 Datasheet HTML 455Page - Renesas Technology Corp H8S2245 Datasheet HTML 456Page - Renesas Technology Corp H8S2245 Datasheet HTML 457Page - Renesas Technology Corp H8S2245 Datasheet HTML 458Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 412 of 772
REJ09B0355-0300
Bit 3—Stop Bit Length (STOP): Selects 1 or 2 bits as the stop bit length in asynchronous mode.
The STOP bits setting is only valid in asynchronous mode. If clocked synchronous mode is set the
STOP bit setting is invalid since stop bits are not added.
Bit 3
STOP
Description
0
1 stop bit: In transmission, a single 1 bit (stop bit) is added to the end of a transmit
character before it is sent.
(Initial value)
1
2 stop bits: In transmission, two 1 bits (stop bits) are added to the end of a transmit
character before it is sent.
In reception, only the first stop bit is checked, regardless of the STOP bit setting. If the second
stop bit is 1, it is treated as a stop bit; if it is 0, it is treated as the start bit of the next transmit
character.
Bit 2—Multiprocessor Mode (MP): Selects multiprocessor format. When multiprocessor format
is selected, the PE bit and O/
E bit parity settings are invalid. The MP bit setting is only valid in
asynchronous mode; it is invalid in clocked synchronous mode.
For details of the multiprocessor communication function, see section 12.3.3, Multiprocessor
Communication Function.
Bit 2
MP
Description
0
Multiprocessor function disabled
(Initial value)
1
Multiprocessor format selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com