Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 452 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 452 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 448Page - Renesas Technology Corp H8S2245 Datasheet HTML 449Page - Renesas Technology Corp H8S2245 Datasheet HTML 450Page - Renesas Technology Corp H8S2245 Datasheet HTML 451Page - Renesas Technology Corp H8S2245 Datasheet HTML 452Page - Renesas Technology Corp H8S2245 Datasheet HTML 453Page - Renesas Technology Corp H8S2245 Datasheet HTML 454Page - Renesas Technology Corp H8S2245 Datasheet HTML 455Page - Renesas Technology Corp H8S2245 Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 410 of 772
REJ09B0355-0300
12.2.5
Serial Mode Register (SMR)
7
C/
A
0
R/W
6
CHR
0
R/W
5
PE
0
R/W
4
O/
E
0
R/W
3
STOP
0
R/W
0
CKS0
0
R/W
2
MP
0
R/W
1
CKS1
0
R/W
Bit
Initial value
R/W
:
:
:
SMR is an 8-bit register used to set the SCI's serial transfer format and select the baud rate
generator clock source.
SMR can be read or written to by the CPU at all times.
SMR is initialized to H'00 by a reset, and in standby mode or module stop mode.
Bit 7—Communication Mode (C/
A
A
A
A): Selects asynchronous mode or clocked synchronous mode
as the SCI operating mode.
Bit 7
C/
A
AA
A
Description
0
Asynchronous mode
(Initial value)
1
Clocked synchronous mode
Bit 6—Character Length (CHR): Selects 7 or 8 bits as the data length in asynchronous mode. In
clocked synchronous mode, a fixed data length of 8 bits is used regardless of the CHR setting.
Bit 6
CHR
Description
0
8-bit data
(Initial value)
1
7-bit data*
Note:
*
When 7-bit data is selected, the MSB (bit 7) of TDR is not transmitted, and it is not
possible to choose between LSB-first or MSB-first transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com