Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 446Page - Renesas Technology Corp H8S2245 Datasheet HTML 447Page - Renesas Technology Corp H8S2245 Datasheet HTML 448Page - Renesas Technology Corp H8S2245 Datasheet HTML 449Page - Renesas Technology Corp H8S2245 Datasheet HTML 450Page - Renesas Technology Corp H8S2245 Datasheet HTML 451Page - Renesas Technology Corp H8S2245 Datasheet HTML 452Page - Renesas Technology Corp H8S2245 Datasheet HTML 453Page - Renesas Technology Corp H8S2245 Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 408 of 772
REJ09B0355-0300
12.2
Register Descriptions
12.2.1
Receive Shift Register (RSR)
7
—
6
—
5
—
4
—
3
—
0
—
2
—
1
—
Bit
R/W
:
:
RSR is a register used to receive serial data.
The SCI sets serial data input from the RxD pin in RSR in the order received, starting with the
LSB (bit 0), and converts it to parallel data. When one byte of data has been received, it is
transferred to RDR automatically.
RSR cannot be directly read or written to by the CPU.
12.2.2
Receive Data Register (RDR)
7
0
R
6
0
R
5
0
R
4
0
R
3
0
R
0
0
R
2
0
R
1
0
R
Bit
Initial value
R/W
:
:
:
RDR is a register that stores received serial data.
When the SCI has received one byte of serial data, it transfers the received serial data from RSR to
RDR where it is stored, and completes the receive operation. After this, RSR is receive-enabled.
Since RSR and RDR function as a double buffer in this way, enables continuous receive
operations to be performed.
RDR is a read-only register, and cannot be written to by the CPU.
RDR is initialized to H'00 by a reset, and in standby mode or module stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com