Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 446 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 442Page - Renesas Technology Corp H8S2245 Datasheet HTML 443Page - Renesas Technology Corp H8S2245 Datasheet HTML 444Page - Renesas Technology Corp H8S2245 Datasheet HTML 445Page - Renesas Technology Corp H8S2245 Datasheet HTML 446Page - Renesas Technology Corp H8S2245 Datasheet HTML 447Page - Renesas Technology Corp H8S2245 Datasheet HTML 448Page - Renesas Technology Corp H8S2245 Datasheet HTML 449Page - Renesas Technology Corp H8S2245 Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 404 of 772
REJ09B0355-0300
• Full-duplex communication capability
 The transmitter and receiver are mutually independent, enabling transmission and reception
to be executed simultaneously
 Double-buffering is used in both the transmitter and the receiver, enabling continuous
transmission and continuous reception of serial data
• On-chip baud rate generator allows any bit rate to be selected
• Choice of LSB-first or MSB-first transfer (8 bits length)
 Can be selected regardless of the communication mode*
Note: * Descriptions in this section refer to LSB-first transfer.
• Choice of serial clock source: internal clock from baud rate generator or external clock from
SCK pin
• Four interrupt sources
 Four interrupt sources — transmit-data-empty, transmit-end, receive-data-full, and receive
error — that can issue requests independently
 The transmit-data-empty interrupt and receive data full interrupts can activate data transfer
controller (DTC) to execute data transfer
• Module stop mode can be set
 As the initial setting, SCI operation is halted. Register access is enabled by exiting module
stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com