Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 442 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 438Page - Renesas Technology Corp H8S2245 Datasheet HTML 439Page - Renesas Technology Corp H8S2245 Datasheet HTML 440Page - Renesas Technology Corp H8S2245 Datasheet HTML 441Page - Renesas Technology Corp H8S2245 Datasheet HTML 442Page - Renesas Technology Corp H8S2245 Datasheet HTML 443Page - Renesas Technology Corp H8S2245 Datasheet HTML 444Page - Renesas Technology Corp H8S2245 Datasheet HTML 445Page - Renesas Technology Corp H8S2245 Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 818 page
background image
Section 11 Watchdog Timer
Rev.3.00 Mar. 26, 2007 Page 400 of 772
REJ09B0355-0300
11.3.4
Timing of Setting of Watchdog Timer Overflow Flag (WOVF)
The WOVF flag is set to 1 if TCNT overflows during watchdog timer operation. At the same time,
the
WDTOVF signal goes low. If TCNT overflows while the RSTE bit in RSTCSR is set to 1, an
internal reset signal is generated for the entire H8S/2245 Group chip. Figure 11.7 shows the timing
in this case.
φ
TCNT
H'FF
H'00
Overflow signal
(internal signal)
WOVF
WDTOVF signal
Internal reset
signal
132 states
518 states
Figure 11.7 Timing of Setting of WOVF
11.4
Interrupts
During interval timer mode operation, an overflow generates an interval timer interrupt (WOVI).
The interval timer interrupt is requested whenever the OVF flag is set to 1 in TCSR. OVF must be
cleared to 0 in the interrupt handling routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com