Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 434Page - Renesas Technology Corp H8S2245 Datasheet HTML 435Page - Renesas Technology Corp H8S2245 Datasheet HTML 436Page - Renesas Technology Corp H8S2245 Datasheet HTML 437Page - Renesas Technology Corp H8S2245 Datasheet HTML 438Page - Renesas Technology Corp H8S2245 Datasheet HTML 439Page - Renesas Technology Corp H8S2245 Datasheet HTML 440Page - Renesas Technology Corp H8S2245 Datasheet HTML 441Page - Renesas Technology Corp H8S2245 Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 818 page
background image
Section 11 Watchdog Timer
Rev.3.00 Mar. 26, 2007 Page 396 of 772
REJ09B0355-0300
11.3
Operation
11.3.1
Watchdog Timer Operation
To use the WDT as a watchdog timer, set the WT/
IT and TME bits to 1. Software must prevent
TCNT overflows by rewriting the TCNT value (normally be writing H'00) before overflows
occurs. This ensures that TCNT does not overflow while the system is operating normally. If
TCNT overflows without being rewritten because of a system crash or other error, the
WDTOVF
signal is output. This is shown in figure 11.4. This
WDTOVF signal can be used to reset the
system. The
WDTOVF signal is output for 132 states when RSTE = 1, and for 130 states when
RSTE = 0.
If TCNT overflows when 1 is set in the RSTE bit in RSTCSR, a signal that resets the H8S/2245
Group internally is generated at the same time as the
WDTOVF signal. This reset can be selected
as a power-on reset or a manual reset, depending on the setting of the RSTS bit in RSTCSR. The
internal reset signal is output for 518 states.
If a reset caused by a signal input to the
RES pin occurs at the same time as a reset caused by a
WDT overflow, the
RES pin reset has priority and the WOVF flag in RSTCSR is cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com