Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 434 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 434 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 430Page - Renesas Technology Corp H8S2245 Datasheet HTML 431Page - Renesas Technology Corp H8S2245 Datasheet HTML 432Page - Renesas Technology Corp H8S2245 Datasheet HTML 433Page - Renesas Technology Corp H8S2245 Datasheet HTML 434Page - Renesas Technology Corp H8S2245 Datasheet HTML 435Page - Renesas Technology Corp H8S2245 Datasheet HTML 436Page - Renesas Technology Corp H8S2245 Datasheet HTML 437Page - Renesas Technology Corp H8S2245 Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 818 page
background image
Section 11 Watchdog Timer
Rev.3.00 Mar. 26, 2007 Page 392 of 772
REJ09B0355-0300
Bits 2 to 0: Clock Select 2 to 0 (CKS2 to CKS0): These bits select one of eight internal clock
sources, obtained by dividing the system clock (
φ), for input to TCNT.
Bit 2
Bit 1
Bit 0
Description
CKS2
CKS1
CKS0
Clock
Overflow period (when
φφφφ = 20 MHz)*
00
0
φ/2 (initial value)
25.6 µs
1
φ/64
819.2 µs
10
φ/128
1.6 ms
1
φ/512
6.6 ms
10
0
φ/2048
26.2 ms
1
φ/8192
104.9 ms
10
φ/32768
419.4 ms
1
φ/131072
1.68 s
Note:
*
The overflow period is the time from when TCNT starts counting up from H'00 until
overflow occurs.
11.2.3
Reset Control/Status Register (RSTCSR)
7
WOVF
0
R/(W)*
6
RSTE
0
R/W
5
RSTS
0
R/W
4
—
1
—
3
—
1
—
0
—
1
—
2
—
1
—
1
—
1
—
Note: * Can only be written with 0 for flag clearing.
Bit
Initial value
R/W
:
:
:
RSTCSR is an 8-bit readable/writable* register that controls the generation of the internal reset
signal when TCNT overflows, and selects the type of internal reset signal.
RSTCSR is initialized to H'1F by a reset signal from the
RES pin, but not by the WDT internal
reset signal caused by overflows.
Note: *
RSTCSR is write-protected by a password to prevent accidental overwriting. For
details see section 11.2.4, Notes on Register Access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com