Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 432 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 432 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 428Page - Renesas Technology Corp H8S2245 Datasheet HTML 429Page - Renesas Technology Corp H8S2245 Datasheet HTML 430Page - Renesas Technology Corp H8S2245 Datasheet HTML 431Page - Renesas Technology Corp H8S2245 Datasheet HTML 432Page - Renesas Technology Corp H8S2245 Datasheet HTML 433Page - Renesas Technology Corp H8S2245 Datasheet HTML 434Page - Renesas Technology Corp H8S2245 Datasheet HTML 435Page - Renesas Technology Corp H8S2245 Datasheet HTML 436Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 818 page
background image
Section 11 Watchdog Timer
Rev.3.00 Mar. 26, 2007 Page 390 of 772
REJ09B0355-0300
11.2
Register Descriptions
11.2.1
Timer Counter (TCNT)
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
0
0
R/W
2
0
R/W
1
0
R/W
Bit
Initial value
R/W
:
:
:
TCNT is an 8-bit readable/writable* up-counter.
When the TME bit is set to 1 in TCSR, TCNT starts counting pulses generated from the internal
clock source selected by bits CKS2 to CKS0 in TCSR. When the count overflows (changes from
H'FF to H'00), either the watchdog timer overflow signal (
WDTOVF) or an interval timer interrupt
(WOVI) is generated, depending on the mode selected by the WT/
IT bit in TCSR.
TCNT is initialized to H'00 by a reset, in hardware standby mode, or when the TME bit is cleared
to 0. It is not initialized in software standby mode.
Note: *
TCNT is write-protected by a password to prevent accidental overwriting. For details
see section 11.2.4, Notes on Register Access.
11.2.2
Timer Control/Status Register (TCSR)
7
OVF
0
R/(W)*
6
WT/
IT
0
R/W
5
TME
0
R/W
4
—
1
—
3
—
1
—
0
CKS0
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
Bit
Initial value
R/W
:
:
:
Note: * Can only be written with 0 for flag clearing.
TCSR is an 8-bit readable/writable* register. Its functions include selecting the clock source to be
input to TCNT, and the timer mode.
TCR is initialized to H'18 by a reset and in hardware standby mode. It is not initialized in software
standby mode.
Note: *
TCSR is write-protected by a password to prevent accidental overwriting. For details
see section 11.2.4, Notes on Register Access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com