Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 429Page - Renesas Technology Corp H8S2245 Datasheet HTML 430Page - Renesas Technology Corp H8S2245 Datasheet HTML 431Page - Renesas Technology Corp H8S2245 Datasheet HTML 432Page - Renesas Technology Corp H8S2245 Datasheet HTML 433Page - Renesas Technology Corp H8S2245 Datasheet HTML 434Page - Renesas Technology Corp H8S2245 Datasheet HTML 435Page - Renesas Technology Corp H8S2245 Datasheet HTML 436Page - Renesas Technology Corp H8S2245 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 818 page
background image
Section 11 Watchdog Timer
Rev.3.00 Mar. 26, 2007 Page 391 of 772
REJ09B0355-0300
Bit 7—Overflow Flag (OVF): Indicates that TCNT has overflowed from H'FF to H'00, when in
interval timer mode. This flag cannot be set during watchdog timer operation.
Bit 7
OVF
Description
0
[Clearing condition]
Cleared by reading TCSR when OVF = 1, then writing 0 to OVF*
(Initial value)
1
[Setting condition]
Set when TCNT overflows (changes from H'FF to H'00) in interval timer mode
Note:
*
When OVF is polled and the interval timer interrupt is disabled, OVF = 1 must be read
at least twice.
Bit 6—Timer Mode Select (WT/
IT
IT
IT
IT): Selects whether the WDT is used as a watchdog timer or
interval timer. If used as an interval timer, the WDT generates an interval timer interrupt request
(WOVI) when TCNT overflows. If used as a watchdog timer, the WDT generates the
WDTOVF
signal when TCNT overflows.
Bit 6
WT/
IT
IT
IT
IT
Description
0
Interval timer: Sends the CPU an interval timer interrupt request (WOVI)
when TCNT overflows
(Initial value)
1
Watchdog timer: Generates the
WDTOVF signal when TCNT overflows*
Note:
*
For details of the case where TCNT overflows in watchdog timer mode, see section
11.2.3, Reset Control/Status Register (RSTCSR).
Bit 5—Timer Enable (TME): Selects whether TCNT runs or is halted.
Bit 5
TME
Description
0
TCNT is initialized to H'00 and halted
(Initial value)
1
TCNT counts
Bits 4 and 3—Reserved: Read-only bits, always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com