Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 427Page - Renesas Technology Corp H8S2245 Datasheet HTML 428Page - Renesas Technology Corp H8S2245 Datasheet HTML 429Page - Renesas Technology Corp H8S2245 Datasheet HTML 430Page - Renesas Technology Corp H8S2245 Datasheet HTML 431Page - Renesas Technology Corp H8S2245 Datasheet HTML 432Page - Renesas Technology Corp H8S2245 Datasheet HTML 433Page - Renesas Technology Corp H8S2245 Datasheet HTML 434Page - Renesas Technology Corp H8S2245 Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 818 page
background image
Section 11 Watchdog Timer
Rev.3.00 Mar. 26, 2007 Page 389 of 772
REJ09B0355-0300
11.1.3
Pin Configuration
Table 11.1 describes the WDT output pin.
Table 11.1
WDT Pin
Name
Symbol
I/O
Function
Watchdog timer overflow
WDTOVF
Output
Outputs counter overflow signal in watchdog
timer mode
11.1.4
Register Configuration
The WDT has three registers, as summarized in table 11.2. These registers control clock selection,
WDT mode switching, and the reset signal.
Table 11.2
WDT Registers
Address*
1
Name
Abbreviation
R/W
Initial Value
Write*
2
Read
Timer control/status register
TCSR
R/(W)*
3
H'18
H'FFBC
H'FFBC
Timer counter
TCNT
R/W
H'00
H'FFBC
H'FFBD
Reset control/status register
RSTCSR
R/(W)*
3
H'1F
H'FFBE
H'FFBF
Notes: 1. Lower 16 bits of the address.
2. For details of write operations, see section 11.2.4, Notes on Register Access.
3. Only a write of 0 is permitted to bit 7, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com