Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 435 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 431Page - Renesas Technology Corp H8S2245 Datasheet HTML 432Page - Renesas Technology Corp H8S2245 Datasheet HTML 433Page - Renesas Technology Corp H8S2245 Datasheet HTML 434Page - Renesas Technology Corp H8S2245 Datasheet HTML 435Page - Renesas Technology Corp H8S2245 Datasheet HTML 436Page - Renesas Technology Corp H8S2245 Datasheet HTML 437Page - Renesas Technology Corp H8S2245 Datasheet HTML 438Page - Renesas Technology Corp H8S2245 Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 818 page
background image
Section 11 Watchdog Timer
Rev.3.00 Mar. 26, 2007 Page 393 of 772
REJ09B0355-0300
Bit 7—Watchdog Timer Overflow Flag (WOVF): Indicates that TCNT has overflowed
(changed from H'FF to H'00) during watchdog timer operation. This bit is not set in interval timer
mode.
Bit 7
WOVF
Description
0
[Clearing condition]
(Initial value)
Cleared by reading RSTCSR when WOVF = 1, then writing 0 to WOVF
1
[Setting condition]
Set when TCNT overflows (changes from H'FF to H'00) during watchdog timer
operation
Bit 6—Reset Enable (RSTE): Specifies whether or not a reset signal is generated in the
H8S/2245 Group if TCNT overflows during watchdog timer operation.
Bit 6
RSTE
Description
0
Reset signal is not generated if TCNT overflows*
(Initial value)
1
Reset signal is generated if TCNT overflows
Note:
*
The modules within the H8S/2245 Group are not reset, but TCNT and TCSR within the
WDT are reset.
Bit 5—Reset Select (RSTS): Selects the type of internal reset generated if TCNT overflows
during watchdog timer operation.
For details of the types of resets, see section 4, Exception Handling.
Bit 5
RSTS
Description
0
Power-on reset
(Initial value)
1
Manual reset
Bits 4 to 0—Reserved: Read-only bits, always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com