Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 437 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 433Page - Renesas Technology Corp H8S2245 Datasheet HTML 434Page - Renesas Technology Corp H8S2245 Datasheet HTML 435Page - Renesas Technology Corp H8S2245 Datasheet HTML 436Page - Renesas Technology Corp H8S2245 Datasheet HTML 437Page - Renesas Technology Corp H8S2245 Datasheet HTML 438Page - Renesas Technology Corp H8S2245 Datasheet HTML 439Page - Renesas Technology Corp H8S2245 Datasheet HTML 440Page - Renesas Technology Corp H8S2245 Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 818 page
background image
Section 11 Watchdog Timer
Rev.3.00 Mar. 26, 2007 Page 395 of 772
REJ09B0355-0300
Writing to RSTCSR
RSTCSR must be written to by word transfer instruction to address H'FFBE. It cannot be written
to with byte instructions.
Figure 11.3 shows the format of data written to RSTCSR. The method of writing 0 to the WOVF
bit differs from that for writing to the RSTE and RSTS bits.
To write 0 to the WOVF flag, the write data must have H'A5 in the upper byte and H'00 in the
lower byte. This clears the WOVF bit to 0, but has no effect on the RSTE and RSTS bits. To write
to the RSTE and RSTS bits, the upper byte must contain H'5A and the lower byte must contain the
write data. This writes the values in bits 6 and 5 of the lower byte into the RSTE and RSTS bits,
but has no effect on the WOVF flag.
H'A5
H'00
15
8 7
0
H'5A
Write data
15
8 7
0
Writing 0 to WOVF bit
Writing to RSTE and RSTS bits
Address: H'FFBE
Address: H'FFBE
Figure 11.3 Format of Data Written to RSTCSR
Reading TCNT, TCSR, and RSTCSR
These registers are read in the same way as other registers. The read addresses are H'FFBC for
TCSR, H'FFBD for TCNT, and H'FFBF for RSTCSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com