Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 441Page - Renesas Technology Corp H8S2245 Datasheet HTML 442Page - Renesas Technology Corp H8S2245 Datasheet HTML 443Page - Renesas Technology Corp H8S2245 Datasheet HTML 444Page - Renesas Technology Corp H8S2245 Datasheet HTML 445Page - Renesas Technology Corp H8S2245 Datasheet HTML 446Page - Renesas Technology Corp H8S2245 Datasheet HTML 447Page - Renesas Technology Corp H8S2245 Datasheet HTML 448Page - Renesas Technology Corp H8S2245 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 403 of 772
REJ09B0355-0300
Section 12 Serial Communication Interface (SCI)
12.1
Overview
The H8S/2245 Group is equipped with a 3-channel serial communication interface (SCI). All three
channels have the same functions. The SCI can handle both asynchronous and clocked
synchronous serial communication. A function is also provided for serial communication between
processors (multiprocessor communication function).
12.1.1
Features
SCI features are listed below.
• Choice of asynchronous or clocked synchronous serial communication mode
Asynchronous mode
 Serial data communication executed using asynchronous system in which synchronization
is achieved character by character
Serial data communication can be carried out with standard asynchronous communication
chips such as a Universal Asynchronous Receiver/Transmitter (UART) or Asynchronous
Communication Interface Adapter (ACIA)
 A multiprocessor communication function is provided that enables serial data
communication with a number of processors
 Choice of 12 serial data transfer formats
Data length:
7 or 8 bits
Stop bit length:
1 or 2 bits
Parity:
Even, odd, or none
Multiprocessor bit:
1 or 0
 Receive error detection: Parity, overrun, and framing errors
 Break detection:
Break can be detected by reading the RxD pin level directly
in case of a framing error
Clocked Synchronous mode
 Serial data communication synchronized with a clock
Serial data communication can be carried out with other chips that have a synchronous
communication function
 One serial data transfer format
Data length:
8 bits
 Receive error detection: Overrun errors detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com