Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 451 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 447Page - Renesas Technology Corp H8S2245 Datasheet HTML 448Page - Renesas Technology Corp H8S2245 Datasheet HTML 449Page - Renesas Technology Corp H8S2245 Datasheet HTML 450Page - Renesas Technology Corp H8S2245 Datasheet HTML 451Page - Renesas Technology Corp H8S2245 Datasheet HTML 452Page - Renesas Technology Corp H8S2245 Datasheet HTML 453Page - Renesas Technology Corp H8S2245 Datasheet HTML 454Page - Renesas Technology Corp H8S2245 Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 409 of 772
REJ09B0355-0300
12.2.3
Transmit Shift Register (TSR)
7
—
6
—
5
—
4
—
3
—
0
—
2
—
1
—
Bit
R/W
:
:
TSR is a register used to transmit serial data.
To perform serial data transmission, the SCI first transfers transmit data from TDR to TSR, then
sends the data to the TxD pin starting with the LSB (bit 0).
When transmission of one byte is completed, the next transmit data is transferred from TDR to
TSR, and transmission started, automatically. However, data transfer from TDR to TSR is not
performed if the TDRE bit in SSR is set to 1.
TSR cannot be directly read or written to by the CPU.
12.2.4
Transmit Data Register (TDR)
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
0
1
R/W
2
1
R/W
1
1
R/W
Bit
Initial value
R/W
:
:
:
TDR is an 8-bit register that stores data for serial transmission.
When the SCI detects that TSR is empty, it transfers the transmit data written in TDR to TSR and
starts serial transmission. Continuous serial transmission can be carried out by writing the next
transmit data to TDR during serial transmission of the data in TSR.
TDR can be read or written to by the CPU at all times.
TDR is initialized to H'FF by a reset, and in standby mode or module stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com