Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 453 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 453 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 449Page - Renesas Technology Corp H8S2245 Datasheet HTML 450Page - Renesas Technology Corp H8S2245 Datasheet HTML 451Page - Renesas Technology Corp H8S2245 Datasheet HTML 452Page - Renesas Technology Corp H8S2245 Datasheet HTML 453Page - Renesas Technology Corp H8S2245 Datasheet HTML 454Page - Renesas Technology Corp H8S2245 Datasheet HTML 455Page - Renesas Technology Corp H8S2245 Datasheet HTML 456Page - Renesas Technology Corp H8S2245 Datasheet HTML 457Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 453 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 411 of 772
REJ09B0355-0300
Bit 5—Parity Enable (PE): In asynchronous mode, selects whether or not parity bit addition is
performed in transmission, and parity bit checking in reception. In clocked synchronous mode,
parity bit addition and checking is not performed, regardless of the PE bit setting.
Bit 5
PE
Description
0
Parity bit addition and checking disabled
(Initial value)
1
Parity bit addition and checking enabled*
Note:
*
When the PE bit is set to 1, the parity (even or odd) specified by the O/
E bit is added to
transmit data before transmission. In reception, the parity bit is checked for the parity
(even or odd) specified by the O/
E bit.
Bit 4—Parity Mode (O/
EEEE): Selects either even or odd parity for use in parity addition and
checking.
The O/
E bit setting is only valid when the PE bit is set to 1, enabling parity bit addition and
checking, in asynchronous mode. The O/
E bit setting is invalid in clocked synchronous mode, and
when parity addition and checking is disabled in asynchronous mode.
Bit 4
O/
E
EE
E
Description
0
Even parity*
1
(Initial value)
1
Odd parity*
2
Notes: 1. When even parity is set, parity bit addition is performed in transmission so that the total
number of 1 bits in the transmit character plus the parity bit is even.
In reception, a check is performed to see if the total number of 1 bits in the receive
character plus the parity bit is even.
2. When odd parity is set, parity bit addition is performed in transmission so that the total
number of 1 bits in the transmit character plus the parity bit is odd.
In reception, a check is performed to see if the total number of 1 bits in the receive
character plus the parity bit is odd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com