Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 513 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 513 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 509Page - Renesas Technology Corp H8S2245 Datasheet HTML 510Page - Renesas Technology Corp H8S2245 Datasheet HTML 511Page - Renesas Technology Corp H8S2245 Datasheet HTML 512Page - Renesas Technology Corp H8S2245 Datasheet HTML 513Page - Renesas Technology Corp H8S2245 Datasheet HTML 514Page - Renesas Technology Corp H8S2245 Datasheet HTML 515Page - Renesas Technology Corp H8S2245 Datasheet HTML 516Page - Renesas Technology Corp H8S2245 Datasheet HTML 517Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 471 of 772
REJ09B0355-0300
Switching from SCK Pin Function to Port Pin Function
• Problem in Operation
When switching the SCK pin function to the output port function (high-level output) by
making the following settings while DDR = 1, DR = 1, C/
A = 1, CKE1 = 0, CKE0 = 0, and TE
= 1 (synchronous mode), low-level output occurs for one half-cycle.
1.
End of serial data transmission
2.
TE bit = 0
3.
C/
A bit = 0… Switchover to port output
4.
Occurrence of low-level output
SCK/port
Data
TE
C/
A
CKE1
CKE0
Bit 7
Bit 6
1. End of transmission
4. Low-level output
3. C/
A = 0
2. TE = 0
Half-cycle low-level output
Figure 12.27 Operation when Switching from SCK Pin Function to Port Pin Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com