Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 505Page - Renesas Technology Corp H8S2245 Datasheet HTML 506Page - Renesas Technology Corp H8S2245 Datasheet HTML 507Page - Renesas Technology Corp H8S2245 Datasheet HTML 508Page - Renesas Technology Corp H8S2245 Datasheet HTML 509Page - Renesas Technology Corp H8S2245 Datasheet HTML 510Page - Renesas Technology Corp H8S2245 Datasheet HTML 511Page - Renesas Technology Corp H8S2245 Datasheet HTML 512Page - Renesas Technology Corp H8S2245 Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 467 of 772
REJ09B0355-0300
Restrictions Concerning DTC Updating
• When an external clock source is used as the serial clock, the transmit clock should not be
input until at least 5
φ clock cycles after TDR is updated by the CPU and DTC. Misoperation
may occur if the transmit clock is input within 4
φ clocks after TDR is updated. (Figure 12.22)
• When RDR is read by the DTC, be sure to set the activation source to the relevant SCI
reception end interrupt (RXI).
• The flag is cleared only when DISEL in DTC is 0 with the transfer counter not being 0. When
DISEL is 1,or DISEL is 0 with the transfer counter being 0, the flag should be cleared by CPU.
Note that transmitting, in particular, may not successfully be executed unless the TDRE flag is
cleared by CPU.
t
D0
LSB
Serial data
SCK
D1
D3
D4
D5
D2
D6
D7
Note: When operating on an external clock, set t >4 clocks.
TDRE
Figure 12.22 Example of Clocked Synchronous Transmission by DTC
Operation in Case of Mode Transition
• Transmission
Operation should be stopped (by clearing TE, TIE, and TEIE to 0) before making a module
stop mode or software standby mode transition. TSR, TDR, and SSR are reset. The output pin
states in module stop mode or software standby mode depend on the port settings, and
becomes high-level output after the relevant mode is cleared. If a transition is made during
transmission, the data being transmitted will be undefined. When transmitting without
changing the transmit mode after the relevant mode is cleared, transmission can be started by
setting TE to 1 again, and performing the following sequence: SSR read
→ TDR write →
TDRE clearance. To transmit with a different transmit mode after clearing the relevant mode,
the procedure must be started again from initialization. Figure 12.23 shows a sample flowchart
for mode transition during transmission. Port pin states are shown in figures 12.24 and 12.25.
Operation should also be stopped (by clearing TE, TIE, and TEIE to 0) before making a
transition from transmission by DTC transfer to module stop mode or software standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com