Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 505 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 505 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 501Page - Renesas Technology Corp H8S2245 Datasheet HTML 502Page - Renesas Technology Corp H8S2245 Datasheet HTML 503Page - Renesas Technology Corp H8S2245 Datasheet HTML 504Page - Renesas Technology Corp H8S2245 Datasheet HTML 505Page - Renesas Technology Corp H8S2245 Datasheet HTML 506Page - Renesas Technology Corp H8S2245 Datasheet HTML 507Page - Renesas Technology Corp H8S2245 Datasheet HTML 508Page - Renesas Technology Corp H8S2245 Datasheet HTML 509Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 463 of 772
REJ09B0355-0300
Table 12.12 SCI Interrupt Sources
Channel
Interrupt
Source
Description
DTC
Activation
Priority*
0
ERI
Interrupt due to receive error
(ORER, FER, or PER)
Not
possible
High
RXI
Interrupt due to receive data full
state (RDRF)
Possible
TXI
Interrupt due to transmit data empty state
(TDRE)
Possible
TEI
Interrupt due to transmission end (TEND)
Not
possible
1
ERI
Interrupt due to receive error
(ORER, FER, or PER)
Not
possible
RXI
Interrupt due to receive data full
state (RDRF)
Possible
TXI
Interrupt due to transmit data empty
state (TDRE)
Possible
TEI
Interrupt due to transmission end
(TEND)
Not
possible
2
ERI
Interrupt due to receive error
(ORER, FER, or PER)
Not
possible
RXI
Interrupt due to receive data full
state (RDRF)
Possible
TXI
Interrupt due to transmit data empty
state (TDRE)
Possible
TEI
Interrupt due to transmission end
(TEND)
Not
possible
Low
Note:
*
This table shows the initial state immediately after a reset. Relative priorities among
channels can be changed by means of ICR.
A TEI interrupt is requested when the TEND flag is set to 1 while the TEIE bit is set to 1. The
TEND flag is cleared at the same time as the TDRE flag. Consequently, if a TEI interrupt and a
TXI interrupt are requested simultaneously, the TXI interrupt may be accepted first, with the result
that the TDRE and TEND flags are cleared. Note that the TEI interrupt will not be accepted in this
case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com