Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 507 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 507 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 503Page - Renesas Technology Corp H8S2245 Datasheet HTML 504Page - Renesas Technology Corp H8S2245 Datasheet HTML 505Page - Renesas Technology Corp H8S2245 Datasheet HTML 506Page - Renesas Technology Corp H8S2245 Datasheet HTML 507Page - Renesas Technology Corp H8S2245 Datasheet HTML 508Page - Renesas Technology Corp H8S2245 Datasheet HTML 509Page - Renesas Technology Corp H8S2245 Datasheet HTML 510Page - Renesas Technology Corp H8S2245 Datasheet HTML 511Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 507 / 818 page
background image
Section 12 Serial Communication Interface (SCI)
Rev.3.00 Mar. 26, 2007 Page 465 of 772
REJ09B0355-0300
Break Detection and Processing (Asynchronous Mode Only)
When framing error (FER) detection is performed, a break can be detected by reading the RxD pin
value directly. In a break, the input from the RxD pin becomes all 0s, and so the FER flag is set,
and the parity error flag (PER) may also be set.
Note that, since the SCI continues the receive operation after receiving a break, even if the FER
flag is cleared to 0, it will be set to 1 again.
Sending a Break (Asynchronous Mode Only)
The TxD pin has a dual function as an I/O port whose direction (input or output) is determined by
DR and DDR. This can be used to send a break.
Between serial transmission initialization and setting of the TE bit to 1, the mark state is replaced
by the value of DR (the pin does not function as the TxD pin until the TE bit is set to 1).
Consequently, DDR and DR for the port corresponding to the TxD pin are first set to 1.
To send a break during serial transmission, first clear DR to 0, then clear the TE bit to 0.
When the TE bit is cleared to 0, the transmitter is initialized regardless of the current transmission
state, the TxD pin becomes an I/O port, and 0 is output from the TxD pin.
Receive Error Flags and Transmit Operations (Clocked Synchronous Mode Only)
Transmission cannot be started when a receive error flag (ORER, PER, or FER) is set to 1, even if
the TDRE flag is cleared to 0. Be sure to clear the receive error flags to 0 before starting
transmission.
Note also that receive error flags cannot be cleared to 0 even if the RE bit is cleared to 0.
Receive Data Sampling Timing and Reception Margin in Asynchronous Mode
In asynchronous mode, the SCI operates on a basic clock with a frequency of 16 times the transfer
rate.
In reception, the SCI samples the falling edge of the start bit using the basic clock, and performs
internal synchronization. Receive data is latched internally at the rising edge of the 8th pulse of the
basic clock. This is illustrated in figure 12.21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com