Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 576 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 576 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 572Page - Renesas Technology Corp H8S2245 Datasheet HTML 573Page - Renesas Technology Corp H8S2245 Datasheet HTML 574Page - Renesas Technology Corp H8S2245 Datasheet HTML 575Page - Renesas Technology Corp H8S2245 Datasheet HTML 576Page - Renesas Technology Corp H8S2245 Datasheet HTML 577Page - Renesas Technology Corp H8S2245 Datasheet HTML 578Page - Renesas Technology Corp H8S2245 Datasheet HTML 579Page - Renesas Technology Corp H8S2245 Datasheet HTML 580Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 818 page
background image
Section 16 ROM
Rev.3.00 Mar. 26, 2007 Page 534 of 772
REJ09B0355-0300
FP-100B, TFP-100B
62
23
24
25
26
27
28
29
30
32
33
34
35
36
37
38
39
41
63
43
44
45
46
47
48
50
74
42
75
40, 65, 98
77
78
51
52
7, 18, 31
49, 68, 84
83
64
57
58
61
Pin
RES
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PB0
NMI
PB2
PB3
PB4
PB5
PB6
PB7
PA0
PF2
PB1
PF1
VCC
AVCC
Vref
PA1
PA2
VSS
AVSS
STBY
MD0
MD1
MD2
1
13
14
15
17
18
19
20
21
12
11
10
9
8
7
6
5
27
26
23
25
4
28
29
3
2
22
24
31
32
16
Pin
VPP
EO0
EO1
EO2
EO3
EO4
EO5
EO6
EO7
EA0
EA1
EA2
EA3
EA4
EA5
EA6
EA7
EA8
EA9
EA10
EA11
EA12
EA13
EA14
EA15
EA16
CE
OE
PGM
VCC
VSS
H8S/2245 Group
EPROM socket
Note: Pins not shown in this figure should be left open.
VPP
EO7 to EO0
EA16 to EA0
OE
CE
PGM
Legend:
: Programming power
supply (12.5 V)
: Data input/output
: Address input
: Output enable
: Chip enable
: Program
HN27C101
(32 Pins)
Figure 16.2 Wiring of 100-Pin/32-Pin Socket Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com