Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 573 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 573 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 569Page - Renesas Technology Corp H8S2245 Datasheet HTML 570Page - Renesas Technology Corp H8S2245 Datasheet HTML 571Page - Renesas Technology Corp H8S2245 Datasheet HTML 572Page - Renesas Technology Corp H8S2245 Datasheet HTML 573Page - Renesas Technology Corp H8S2245 Datasheet HTML 574Page - Renesas Technology Corp H8S2245 Datasheet HTML 575Page - Renesas Technology Corp H8S2245 Datasheet HTML 576Page - Renesas Technology Corp H8S2245 Datasheet HTML 577Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 818 page
background image
Section 16 ROM
Rev.3.00 Mar. 26, 2007 Page 531 of 772
REJ09B0355-0300
16.2
Register Descriptions
16.2.1
Bus Control Register L (BCRL)
7
BRLE
0
R/W
6
BREQOE
0
R/W
5
EAE
1
R/W
4
—
1
R/W
3
—
1
R/W
0
WAITE
0
R/W
2
ASS
1
R/W
1
—
0
R/W
Bit
Initial value
R/W
:
:
:
BCRL is an 8-bit readable/writable register that performs selection of the external bus release state
protocol, selection of the area partition unit, and enabling or disabling of
WAIT pin input.
BCRL is initialized to H'3C by a power-on reset and in hardware standby mode. It is not
initialized by a manual reset or in software standby mode.
Enabling or disabling of part of the on-chip ROM area can be selected by means of the EAE bit in
BCRL. For details of the other bits in BCRL, see section 6.2.5, Bus Control Register L (BCRL).
Bit 5—External Address Enable (EAE): Selects whether addresses H'010000 to H'01FFFF are
to be internal addresses or external addresses.
This setting is invalid in normal mode.
Bit 5
EAE
Description
0
Addresses H'010000 to H'01FFFF are in on-chip ROM (in the H8S/2246 and
H8S/2245) or a reserved area* (in the H8S/2244, H8S/2243, H8S/2242, and
H8S/2241).
1
Addresses H'010000 to H'01FFFF are external addresses (external expansion mode)
or a reserved area* (single-chip mode).
(Initial value)
Note:
*
Reserved areas should not be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com