Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 569 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 569 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 565Page - Renesas Technology Corp H8S2245 Datasheet HTML 566Page - Renesas Technology Corp H8S2245 Datasheet HTML 567Page - Renesas Technology Corp H8S2245 Datasheet HTML 568Page - Renesas Technology Corp H8S2245 Datasheet HTML 569Page - Renesas Technology Corp H8S2245 Datasheet HTML 570Page - Renesas Technology Corp H8S2245 Datasheet HTML 571Page - Renesas Technology Corp H8S2245 Datasheet HTML 572Page - Renesas Technology Corp H8S2245 Datasheet HTML 573Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 818 page
background image
Section 15 RAM
Rev.3.00 Mar. 26, 2007 Page 527 of 772
REJ09B0355-0300
15.2
Register Descriptions
15.2.1
System Control Register (SYSCR)
7
—
0
R/W
6
—
0
—
5
INTM1
0
R/W
4
INTM0
0
R/W
3
NMIEG
0
R/W
0
RAME
1
R/W
2
—
0
—
1
—
0
—
Bit
Initial value
R/W
:
:
:
The on-chip RAM is enabled or disabled by the RAME bit in SYSCR. For details of other bits in
SYSCR, see section 3.2.2, System Control Register (SYSCR).
Bit 0—RAM Enable (RAME): Enables or disables the on-chip RAM. The RAME bit is
initialized when the reset state is released. It is not initialized in software standby mode.
Bit 0
RAME
Description
0
On-chip RAM is disabled
1
On-chip RAM is enabled
(Initial value)
Note:
Do not clear the RAME bit to 0 when the DTC is used.
15.3
Operation
When the RAME bit is set to 1, accesses to H8S/2246, H8S/2244, and H8S/2242 addresses
H'FFDC00 to H'FFFBFF, and H8S/2245, H8S/2243, H8S/2241, and H8S/2240 addresses
H'FFEC00 to H'FFFBFF, are directed to the on-chip RAM. When the RAME bit is cleared to 0,
the off-chip address space is accessed.
Since the on-chip RAM is connected to the CPU by an internal 16-bit data bus, it can be written to
and read in byte or word units. Each type of access can be performed in one state.
Even addresses use the upper 8 bits, and odd addresses use the lower 8 bits. Word data must start
at an even address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com