Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 566 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 566 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 562Page - Renesas Technology Corp H8S2245 Datasheet HTML 563Page - Renesas Technology Corp H8S2245 Datasheet HTML 564Page - Renesas Technology Corp H8S2245 Datasheet HTML 565Page - Renesas Technology Corp H8S2245 Datasheet HTML 566Page - Renesas Technology Corp H8S2245 Datasheet HTML 567Page - Renesas Technology Corp H8S2245 Datasheet HTML 568Page - Renesas Technology Corp H8S2245 Datasheet HTML 569Page - Renesas Technology Corp H8S2245 Datasheet HTML 570Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 818 page
background image
Section 14 A/D Converter
Rev.3.00 Mar. 26, 2007 Page 524 of 772
REJ09B0355-0300
Permissible Signal Source Impedance
H8S/2245 Group analog input is designed so that conversion precision is guaranteed for an input
signal for which the signal source impedance is 10 k
Ω or less. This specification is provided to
enable the A/D converter's sample-and-hold circuit input capacitance to be charged within the
sampling time; if the sensor output impedance exceeds 10 k
Ω, charging may be insufficient and it
may not be possible to guarantee the A/D conversion precision.
However, if a large capacitance is provided externally, the input load will essentially comprise
only the internal input resistance of 10 k
Ω, and the signal source impedance is ignored.
However, since a low-pass filter effect is obtained in this case, it may not be possible to follow an
analog signal with a large differential coefficient (e.g., 5 mV/µsec or greater).
When converting a high-speed analog signal, a low-impedance buffer should be inserted.
Influences on Absolute Precision
Adding capacitance results in coupling with GND, and therefore noise in GND may adversely
affect absolute precision. Be sure to make the connection to an electrically stable GND such as
AV
SS.
Care is also required to insure that filter circuits do not communicate with digital signals on the
mounting board, so acting as antennas.
A/D converter
equivalent circuit
H8/2245 Group
20 pF
Cin =
15 pF
10 k
Ω
Up to 10 k
Ω
Low-pass
filter
C to 0.1 µF
Sensor output
impedance
Sensor input
Note: Values are reference values.
Figure 14.11 Example of Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com