Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 563 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 563 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 559Page - Renesas Technology Corp H8S2245 Datasheet HTML 560Page - Renesas Technology Corp H8S2245 Datasheet HTML 561Page - Renesas Technology Corp H8S2245 Datasheet HTML 562Page - Renesas Technology Corp H8S2245 Datasheet HTML 563Page - Renesas Technology Corp H8S2245 Datasheet HTML 564Page - Renesas Technology Corp H8S2245 Datasheet HTML 565Page - Renesas Technology Corp H8S2245 Datasheet HTML 566Page - Renesas Technology Corp H8S2245 Datasheet HTML 567Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 563 / 818 page
background image
Section 14 A/D Converter
Rev.3.00 Mar. 26, 2007 Page 521 of 772
REJ09B0355-0300
AVCC
*1
*1
Vref
AN0 to AN3
AVSS
Notes:
Values are reference values.
1.
2. Rin: Input impedance
Rin*2
100
Ω
0.1 µF
0.01 µF
10 µF
Figure 14.7 Example of Analog Input Protection Circuit
Table 14.6
Analog Pin Specifications
Item
Min
Max
Unit
Analog input capacitance
—
20
pF
Permissible signal source impedance
—
10*
k
Ω
Note:
*
When V
CC = 4.0 V to 5.5 V and φ ≤ 12 MHz
20 pF
To A/D
converter
AN0 to
AN3
10 k
Ω
Note: Values are reference values.
Figure 14.8 Analog Input Pin Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com