Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 561 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 561 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 557Page - Renesas Technology Corp H8S2245 Datasheet HTML 558Page - Renesas Technology Corp H8S2245 Datasheet HTML 559Page - Renesas Technology Corp H8S2245 Datasheet HTML 560Page - Renesas Technology Corp H8S2245 Datasheet HTML 561Page - Renesas Technology Corp H8S2245 Datasheet HTML 562Page - Renesas Technology Corp H8S2245 Datasheet HTML 563Page - Renesas Technology Corp H8S2245 Datasheet HTML 564Page - Renesas Technology Corp H8S2245 Datasheet HTML 565Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 561 / 818 page
background image
Section 14 A/D Converter
Rev.3.00 Mar. 26, 2007 Page 519 of 772
REJ09B0355-0300
14.5
Interrupts
The A/D converter generates an interrupt (ADI) at the end of A/D conversion. The ADI interrupt
request can be enabled or disabled by the ADIE bit in ADCSR.
The DTC can be activated by an ADI interrupt. Having the converted data read by the DTC in
response to an ADI interrupt enables continuous conversion to be achieved without imposing a
load on software.
The A/D converter interrupt source is shown in table 14.5.
Table 14.5
A/D Converter Interrupt Source
Interrupt Source
Description
DTC Activation
ADI
Interrupt due to end of conversion
Possible
14.6
Usage Notes
The following points should be noted when using the A/D converter.
Module Stop Mode Setting
Operation of the A/D converter can be disabled or enabled using the module stop control register.
The initial setting is for operation of the A/D converter to be halted. Register access is enabled by
clearing module stop mode. For details, see section 18, Power-Down Modes.
Setting Range of Analog Power Supply and Other Pins
(1) Analog input voltage range
The voltage applied to analog input pins AN0 to AN3 during A/D conversion should be in the
range AV
SS ≤ ANn ≤ AVref.
(2) Relation between AV
CC, AVSS and VCC, VSS
As the relationship between AV
CC, AVSS and VCC, VSS, set AVSS = VSS. If the A/D converter is
not used, the AV
CC and AVSS pins must on no account be left open.
(3) V
ref input range
The analog reference voltage input at the V
ref pin set in the range Vref ≤ AVCC.
Note:
If conditions (1), (2), and (3) above are not met, the reliability of the device may be
adversely affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com