Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 557 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 557 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 553Page - Renesas Technology Corp H8S2245 Datasheet HTML 554Page - Renesas Technology Corp H8S2245 Datasheet HTML 555Page - Renesas Technology Corp H8S2245 Datasheet HTML 556Page - Renesas Technology Corp H8S2245 Datasheet HTML 557Page - Renesas Technology Corp H8S2245 Datasheet HTML 558Page - Renesas Technology Corp H8S2245 Datasheet HTML 559Page - Renesas Technology Corp H8S2245 Datasheet HTML 560Page - Renesas Technology Corp H8S2245 Datasheet HTML 561Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 557 / 818 page
background image
Section 14 A/D Converter
Rev.3.00 Mar. 26, 2007 Page 515 of 772
REJ09B0355-0300
14.4.2
Scan Mode (SCAN = 1)
Scan mode is useful for monitoring analog inputs in a group of one or more channels. When the
ADST bit is set to 1 by a software, timer or external trigger input, A/D conversion starts on the
first channel in the group (AN0). When two or more channels are selected, after conversion of the
first channel ends, conversion of the second channel (AN1) starts immediately. A/D conversion
continues cyclically on the selected channels until the ADST bit is cleared to 0. The conversion
results are transferred for storage into the ADDR registers corresponding to the channels.
When the operating mode or analog input channel must be changed during analog conversion, to
prevent incorrect operation, first clear the ADST bit to 0 in ADCSR to halt A/D conversion. After
making the necessary changes, set the ADST bit to 1 to start A/D conversion again. The ADST bit
can be set at the same time as the operating mode or input channel is changed.
Typical operations when three channels (AN0 to AN2) are selected in scan mode are described
next. Figure 14.4 shows a timing diagram for this example.
[1] Scan mode is selected (SCAN = 1), analog input channels AN0 to AN2 are selected (CH1 = 1,
CH0 = 0), and A/D conversion is started (ADST = 1)
[2] When A/D conversion of the first channel (AN0) is completed, the result is transferred to
ADDRA. Next, conversion of the second channel (AN1) starts automatically.
[3] Conversion proceeds in the same way through the third channel (AN2).
[4] When conversion of all the selected channels (AN0 to AN2) is completed, the ADF flag is set
to 1 and conversion of the first channel (AN0) starts again. If the ADIE bit is set to 1 at this
time, an ADI interrupt is requested after A/D conversion ends.
[5] Steps [2] to [4] are repeated as long as the ADST bit remains set to 1. When the ADST bit is
cleared to 0, A/D conversion stops. After that, if the ADST bit is set to 1, A/D conversion
starts again from the first channel (AN0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com