Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 554 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 554 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 550Page - Renesas Technology Corp H8S2245 Datasheet HTML 551Page - Renesas Technology Corp H8S2245 Datasheet HTML 552Page - Renesas Technology Corp H8S2245 Datasheet HTML 553Page - Renesas Technology Corp H8S2245 Datasheet HTML 554Page - Renesas Technology Corp H8S2245 Datasheet HTML 555Page - Renesas Technology Corp H8S2245 Datasheet HTML 556Page - Renesas Technology Corp H8S2245 Datasheet HTML 557Page - Renesas Technology Corp H8S2245 Datasheet HTML 558Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 554 / 818 page
background image
Section 14 A/D Converter
Rev.3.00 Mar. 26, 2007 Page 512 of 772
REJ09B0355-0300
14.3
Interface to Bus Master
ADDRA to ADDRD are 16-bit registers, and the data bus to the bus master is 8 bits wide.
Therefore, in accesses by the bus master, the upper byte is accessed directly, but the lower byte is
accessed via a temporary register (TEMP).
A data read from ADDR is performed as follows. When the upper byte is read, the upper byte
value is transferred to the CPU and the lower byte value is transferred to TEMP. Next, when the
lower byte is read, the TEMP contents are transferred to the CPU.
When reading ADDR. always read the upper byte before the lower byte. It is possible to read only
the upper byte, but if only the lower byte is read, incorrect data may be obtained.
Figure 14.2 shows the data flow for ADDR access.
Bus master
(H'AA)
ADDRnH
(H'AA)
ADDRnL
(H'40)
Lower byte read
ADDRnH
(H'AA)
ADDRnL
(H'40)
TEMP
(H'40)
TEMP
(H'40)
(n = A to D)
(n = A to D)
Module data bus
Module data bus
Bus interface
Upper byte read
Bus master
(H'40)
Bus interface
Figure 14.2 ADDR Access Operation (Reading H'AA40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com