Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 552 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 552 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 548Page - Renesas Technology Corp H8S2245 Datasheet HTML 549Page - Renesas Technology Corp H8S2245 Datasheet HTML 550Page - Renesas Technology Corp H8S2245 Datasheet HTML 551Page - Renesas Technology Corp H8S2245 Datasheet HTML 552Page - Renesas Technology Corp H8S2245 Datasheet HTML 553Page - Renesas Technology Corp H8S2245 Datasheet HTML 554Page - Renesas Technology Corp H8S2245 Datasheet HTML 555Page - Renesas Technology Corp H8S2245 Datasheet HTML 556Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 818 page
background image
Section 14 A/D Converter
Rev.3.00 Mar. 26, 2007 Page 510 of 772
REJ09B0355-0300
Bits 1 and 0—Channel Select 1 and 0 (CH1, CH0): Together with the SCAN bit, these bits
select the analog input channel(s).
Only set the input channel while conversion is stopped.
Bit 1
Bit 0
Description
CH1
CH0
Single Mode (SCAN = 0)
Scan Mode (SCAN = 1)
0
0
AN0
(Initial value)
AN0
1
AN1
AN0, AN1
1
0
AN2
AN0 to AN2
1
AN3
AN0 to AN3
14.2.3
A/D Control Register (ADCR)
7
TRGS1
0
R/W
6
TRGS0
0
R/W
5
—
1
—
4
—
1
—
3
—
1
—
0
—
1
—
2
—
1
—
1
—
1
—
Bit
Initial value
R/W
:
:
:
ADCR is an 8-bit readable/writable register that enables or disables external triggering of A/D
conversion operations.
ADCR is initialized to H'3F by a reset, and in hardware standby mode or module stop mode.
Bits 7 and 6—Timer Trigger Select 1 and 0 (TRGS1, TRGS0): Select enabling or disabling of
the start of A/D conversion by a trigger signal. Only set bits TRGS1 and TRGS0 while conversion
is stopped.
Bit 7
Bit 6
TRGS1
TRGS0
Description
0
0
Start of A/D conversion by external trigger is disabled
(Initial value)
1
Start of A/D conversion by external trigger (TPU) is enabled
1
0
Start of A/D conversion by external trigger (8-bit timer) is enabled
1
Start of A/D conversion by external trigger pin is enabled
Bits 5 to 0—Reserved: These bits are reserved; they are always read as 1 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com