Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 551 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 551 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 547Page - Renesas Technology Corp H8S2245 Datasheet HTML 548Page - Renesas Technology Corp H8S2245 Datasheet HTML 549Page - Renesas Technology Corp H8S2245 Datasheet HTML 550Page - Renesas Technology Corp H8S2245 Datasheet HTML 551Page - Renesas Technology Corp H8S2245 Datasheet HTML 552Page - Renesas Technology Corp H8S2245 Datasheet HTML 553Page - Renesas Technology Corp H8S2245 Datasheet HTML 554Page - Renesas Technology Corp H8S2245 Datasheet HTML 555Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 551 / 818 page
background image
Section 14 A/D Converter
Rev.3.00 Mar. 26, 2007 Page 509 of 772
REJ09B0355-0300
Bit 5—A/D Start (ADST): Selects starting or stopping on A/D conversion. Holds a value of 1
during A/D conversion.
The ADST bit can be set to 1 by software, a timer conversion start trigger, or the A/D external
trigger input pin (
ADTRG).
Bit 5
ADST
Description
0
• A/D conversion stopped
(Initial value)
1
• Single mode: A/D conversion is started. Cleared to 0 automatically when
conversion on the specified channel ends
• Scan mode: A/D conversion is started. Conversion continues sequentially on the
selected channels until ADST is cleared to 0 by software, a reset, or
a transition to standby mode or module stop mode.
Bit 4—Scan Mode (SCAN): Selects single mode or scan mode as the A/D conversion operating
mode. See section 14.4, Operation, for single mode and scan mode operation. Only set the SCAN
bit while conversion is stopped (ADST = 0).
Bit 4
SCAN
Description
0
Single mode
(Initial value)
1
Scan mode
Bit 3—Clock Select (CKS): Sets the A/D conversion time. Only change the conversion time
while conversion is stopped (ADST = 0).
Set the conversion time to a value equal to or greater than the conversion time indicated in section
19.5, A/D Conversion Characteristics.
Bit 3
CKS
Description
0
Conversion time = 266 states (max.)
(Initial value)
1
Conversion time = 134 states (max.)
Bit 2—Reserved: This bit can be read or written, but should only be written with 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com