Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 548 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 548 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 544Page - Renesas Technology Corp H8S2245 Datasheet HTML 545Page - Renesas Technology Corp H8S2245 Datasheet HTML 546Page - Renesas Technology Corp H8S2245 Datasheet HTML 547Page - Renesas Technology Corp H8S2245 Datasheet HTML 548Page - Renesas Technology Corp H8S2245 Datasheet HTML 549Page - Renesas Technology Corp H8S2245 Datasheet HTML 550Page - Renesas Technology Corp H8S2245 Datasheet HTML 551Page - Renesas Technology Corp H8S2245 Datasheet HTML 552Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 818 page
background image
Section 14 A/D Converter
Rev.3.00 Mar. 26, 2007 Page 506 of 772
REJ09B0355-0300
14.1.4
Register Configuration
Table 14.2 summarizes the registers of the A/D converter.
Table 14.2
A/D Converter Registers
Name
Abbreviation
R/W
Initial Value
Address*
1
A/D data register AH
ADDRAH
R
H'00
H'FF90
A/D data register AL
ADDRAL
R
H'00
H'FF91
A/D data register BH
ADDRBH
R
H'00
H'FF92
A/D data register BL
ADDRBL
R
H'00
H'FF93
A/D data register CH
ADDRCH
R
H'00
H'FF94
A/D data register CL
ADDRCL
R
H'00
H'FF95
A/D data register DH
ADDRDH
R
H'00
H'FF96
A/D data register DL
ADDRDL
R
H'00
H'FF97
A/D control/status register
ADCSR
R/(W)*
2
H'00
H'FF98
A/D control register
ADCR
R/W
H'3F
H'FF99
Module stop control register
MSTPCR
R/W
H'3FFF
H'FF3C
Notes: 1. Lower 16 bits of the address.
2. Bit 7 can only be written with 0 for flag clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com