Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 545 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 545 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 541Page - Renesas Technology Corp H8S2245 Datasheet HTML 542Page - Renesas Technology Corp H8S2245 Datasheet HTML 543Page - Renesas Technology Corp H8S2245 Datasheet HTML 544Page - Renesas Technology Corp H8S2245 Datasheet HTML 545Page - Renesas Technology Corp H8S2245 Datasheet HTML 546Page - Renesas Technology Corp H8S2245 Datasheet HTML 547Page - Renesas Technology Corp H8S2245 Datasheet HTML 548Page - Renesas Technology Corp H8S2245 Datasheet HTML 549Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 818 page
background image
Section 14 A/D Converter
Rev.3.00 Mar. 26, 2007 Page 503 of 772
REJ09B0355-0300
Section 14 A/D Converter
14.1
Overview
The H8/2245 Group incorporates a successive approximation type 10-bit A/D converter that
allows up to four analog input channels to be selected.
14.1.1
Features
A/D converter features are listed below
• 10-bit resolution
• Four input channels
• Settable analog conversion voltage range
 Conversion of analog voltages with the reference voltage pin (V
ref) as the analog reference
voltage
• High-speed conversion
 Minimum conversion time: 6.5 µs per channel (at 20-MHz operation)
• Choice of single mode or scan mode
 Single mode: Single-channel A/D conversion
 Scan mode:
Continuous A/D conversion on 1 to 4 channels
• Four data registers
 Conversion results are held in a 16-bit data register for each channel
• Sample and hold function
• Three kinds of conversion start
 Choice of software or timer conversion start trigger (TPU or 8-bit timer), or ADTRG pin
• A/D conversion end interrupt generation
 A/D conversion end interrupt (ADI) request can be generated at the end of A/D conversion
• Module stop mode can be set
 As the initial setting, A/D converter operation is halted. Register access is enabled by
exiting module stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com