Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 543 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 543 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 539Page - Renesas Technology Corp H8S2245 Datasheet HTML 540Page - Renesas Technology Corp H8S2245 Datasheet HTML 541Page - Renesas Technology Corp H8S2245 Datasheet HTML 542Page - Renesas Technology Corp H8S2245 Datasheet HTML 543Page - Renesas Technology Corp H8S2245 Datasheet HTML 544Page - Renesas Technology Corp H8S2245 Datasheet HTML 545Page - Renesas Technology Corp H8S2245 Datasheet HTML 546Page - Renesas Technology Corp H8S2245 Datasheet HTML 547Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 543 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 501 of 772
REJ09B0355-0300
• Retransfer operation when SCI is in transmit mode
Figure 13.12 illustrates the retransfer operation when the SCI is in transmit mode.
[6] If an error signal is sent back from the receiving end after transmission of one frame is
completed, the ERS bit in SSR is set to 1. If the RIE bit in SCR is enabled at this time, an ERI
interrupt request is generated. The ERS bit in SSR should be kept cleared to 0 until the next
parity bit is sampled.
[7] The TEND bit in SSR is not set for a frame for which an error signal indicating an abnormality
is received.
[8] If an error signal is not sent back from the receiving end, the ERS bit in SSR is not set.
[9] If an error signal is not sent back from the receiving end, transmission of one frame, including
a retransfer, is judged to have been completed, and the TEND bit in SSR is set to 1. If the TIE
bit in SCR is enabled at this time, a TXI interrupt request is generated.
If data transfer by the DTC by means of the TXI source is enabled, the next data can be written
to TDR automatically. When data is written to TDR by the DTC, the TDRE bit is
automatically cleared to 0 if DISEL in DTC is 0 and the transfer counter value is not 0.
D0 D1 D2 D3 D4 D5 D6 D7 Dp DE
Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp
(DE)
Ds D0 D1 D2 D3 D4
Ds
Transfer
frame n+1
Retransferred frame
nth transfer frame
TDRE
TEND
[6]
FER/ERS
Transfer to TSR from TDR
[7]
[9]
[8]
Transfer to TSR from TDR
Transfer to TSR
from TDR
Figure 13.12 Retransfer Operation in SCI Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com