Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 539 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 539 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 535Page - Renesas Technology Corp H8S2245 Datasheet HTML 536Page - Renesas Technology Corp H8S2245 Datasheet HTML 537Page - Renesas Technology Corp H8S2245 Datasheet HTML 538Page - Renesas Technology Corp H8S2245 Datasheet HTML 539Page - Renesas Technology Corp H8S2245 Datasheet HTML 540Page - Renesas Technology Corp H8S2245 Datasheet HTML 541Page - Renesas Technology Corp H8S2245 Datasheet HTML 542Page - Renesas Technology Corp H8S2245 Datasheet HTML 543Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 497 of 772
REJ09B0355-0300
When performing transfer using the DTC, it is essential to set and enable the DTC before carrying
out SCI setting. For details of the DTC setting procedures, see section 7, Data Transfer Controller
(DTC).
In a receive operation, an RXI interrupt request is generated when the RDRF flag in SSR is set to
1. If the RXI request is designated beforehand as a DTC activation source, the DTC will be
activated by the RXI request, and transfer of the receive data will be carried out. At this time, the
RDRF flag is cleared to 0 if DISEL in DTC is 0 and the transfer counter value is not 0. If DISEL
is 1, or if DISEL is 0 and the transfer counter value is 0, the DTC transfers the receive data but
does not clear the flag. Therefore, the flag should be cleared by the CPU. If an error occurs, an
error flag is set but the RDRF flag is not. Consequently, the DTC is not activated, but instead, an
ERI interrupt request is sent to the CPU. Therefore, the error flag should be cleared.
13.3.7
Operation in GSM Mode
Switching the Mode
When switching between smart card interface mode and software standby mode, the following
switching procedure should be followed in order to maintain the clock duty.
• When changing from smart card interface mode to software standby mode
[1] Set the data register (DR) and data direction register (DDR) corresponding to the SCK pin to
the value for the fixed output state in software standby mode.
[2] Write 0 to the TE bit and RE bit in the serial control register (SCR) to halt transmit/receive
operation. At the same time, set the CKE1 bit to the value for the fixed output state in software
standby mode.
[3] Write 0 to the CKE0 bit in SCR to halt the clock.
[4] Wait for one serial clock period.
During this interval, clock output is fixed at the specified level, with the duty preserved.
[5] Write H'00 to SMR and SCMR.
[6] Make the transition to the software standby state.
• When returning to smart card interface mode from software standby mode
[7] Exit the software standby state.
[8] Set the CKE1 bit in SCR to the value for the fixed output state (current SCK pin state) when
software standby mode is initiated.
[9] Set smart card interface mode and output the clock. Signal generation is started with the
normal duty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com