Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 537 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 537 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 533Page - Renesas Technology Corp H8S2245 Datasheet HTML 534Page - Renesas Technology Corp H8S2245 Datasheet HTML 535Page - Renesas Technology Corp H8S2245 Datasheet HTML 536Page - Renesas Technology Corp H8S2245 Datasheet HTML 537Page - Renesas Technology Corp H8S2245 Datasheet HTML 538Page - Renesas Technology Corp H8S2245 Datasheet HTML 539Page - Renesas Technology Corp H8S2245 Datasheet HTML 540Page - Renesas Technology Corp H8S2245 Datasheet HTML 541Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 818 page
background image
Section 13 Smart Card Interface
Rev.3.00 Mar. 26, 2007 Page 495 of 772
REJ09B0355-0300
If reception ends and the RDRF flag is set to 1 while the RIE bit is set to 1 and interrupt requests
are enabled, a receive data full interrupt (RXI) request will be generated. If an error occurs in
reception and either the ORER flag or the PER flag is set to 1, a transfer error interrupt (ERI)
request will be generated.
If the DTC is activated by an RXI request, the receive data in which the error occurred is skipped,
and only the number of bytes of receive data set in the DTC are transferred.
For details, see Interrupt Operation and Data Transfer Operation by DTC below.
If a parity error occurs during reception and the PER is set to 1, the received data is still
transferred to RDR, and therefore this data can be read.
Mode Switching Operation
When switching from receive mode to transmit mode, first confirm that the receive operation has
been completed, then start from initialization, clearing RE bit to 0 and setting TE bit to 1. The
RDRF flag or the PER and ORER flags can be used to check that the receive operation has been
completed.
When switching from transmit mode to receive mode, first confirm that the transmit operation has
been completed, then start from initialization, clearing TE bit to 0 and setting RE bit to 1. The
TEND flag can be used to check that the transmit operation has been completed.
Fixing Clock Output Level
When the GM bit in SMR is set to 1, the clock output level can be fixed with bits CKE1 and
CKE0 in SCR. At this time, the minimum clock pulse width can be made the specified width.
Figure 13.8 shows the timing for fixing the clock output level. In this example, GM is set to 1,
CKE1 is cleared to 0, and the CKE0 bit is controlled.
SCK
Specified pulse width
SCR write
(CKE0 = 0)
SCR write
(CKE0 = 1)
Specified pulse width
Figure 13.8 Timing for Fixing Clock Output Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com